Part Number Hot Search : 
DS21448L 20240 FDD5680 AD830 AHCGN AD521SD 2E08B 15266
Product Description
Full Text Search
 

To Download EMHJ100ADA221MHA0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product speci? cations in this catalog are subject to change without notice.request our product speci? cations before purchase and/or use. please use our products based on the information contained in this catalog and product speci? cations. new! ? endurance : 2,000 hours at 125 ? ? rated voltage range : 10 to 35v ? nominal capacitance range : 47 to 470 ? f ? solvent resistant type (see precautions and guidelines) ? rohs compliant  specifications (20 ? , 120hz) (at 20 ? after 2 minutes) (20 ? , 120hz) (120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tan  ) low temperature characteristics (max. impedance ratio) endurance shelf life items -40 to +125 ? 10 up v dc ? 20%(m) i  0.01cv where, i : max. leakage current (a), c : nominal capacitance ( ? f), v : rated voltage (v) rated voltage(v dc ) tan  (max.) rated voltage(v dc ) z(-25 ? )/z(+20 ? ) z(-40 ? )/z(+20 ? ) the following specifications shall be satisfied when the capacitors are restored to 20 ? after the rated voltage is applied for 2,000 hours at 125 ? . capacitance change ?? 30% of the initial value d.f. (tan  ) ? 300% of the initial specified value leakage current ? the initial specified value esr ( 
max./100khz) the following specifications shall be satisfied when the capacitors are restored to 20 ? after exposing them for 1,000 hours at 125 ? without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change ?? 30% of the initial value d.f. (tan  ) ? 300% of the initial specified value leakage current ? the initial specified value characteristics 10v 0.30 10v 3 4 16v 2 3 25v 2 3 35v 2 3 16v 25v 35v 0.23 0.18 0.16 f80 20 ? -40 ? 3.5 40 0.60 4.5 0.40 3.5 ha0 ja0  part numbering system  dimensions [mm]  marking  d ? 0.5 l ? 0.3 0.3max. a ? 0.2 w c ? 0.2 b ? 0.2 p size code f80 ha0 ja0  d 6.3 8 10 l 7.7 10.0 10.0 a 6.6 8.3 10.3 b 6.6 8.3 10.3 c 7.2 9.0 11.0 w 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 p 1.9 3.1 4.5 5j 100 c hj ex) 16v100 ? f ? rated voltage symbol rated voltage (v dc ) 10 16 25 35 symbol a c e v ? terminal code : a supplement code size code capacitance tolerance code capacitance code (ex. 47 ? f:470, 100 ? f:101) taping code terminal code voltage code (ex. 16v:160, 35v:350) series code category e m h j a a a a d a a a a a a a g m 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18  standard ratings wv(v dc ) 10 16 25 35 cap( ? f) 220 330 330 470 100 100 220 330 470 100 220 330 47 47 100 220 size code ha0 ha0 ja0 ja0 f80 ha0 ha0 ja0 ja0 ha0 ja0 ja0 f80 ha0 ha0 ja0 esr ( 
max/100khz) ?40 ? 3.0 3.0 2.0 2.0 5.0 3.0 3.0 2.0 2.0 3.0 2.0 2.0 5.0 3.0 3.0 2.0 20 ? 0.15 0.15 0.12 0.12 0.45 0.15 0.15 0.12 0.12 0.15 0.12 0.12 0.45 0.15 0.15 0.12 rated ripple current (marms/125 ? , 100khz) 350 350 550 550 220 350 350 550 550 350 550 550 220 350 350 550 part no. EMHJ100ADA221MHA0G emhj100ada331mha0g emhj100ada331mja0g emhj100ada471mja0g emhj160ada101mf80g emhj160ada101mha0g emhj160ada221mha0g emhj160ada331mja0g emhj160ada471mja0g emhj250ada101mha0g emhj250ada221mja0g emhj250ada331mja0g emhj350ada470mf80g emhj350ada470mha0g emhj350ada101mha0g emhj350ada221mja0g lower esr mhj mhb please refer to "product code guide (surface mount type)" high heat resistance, 125 ? surface mount aluminum electrolytic capacitors cat. no. e1001l (1/1)


▲Up To Search▲   

 
Price & Availability of EMHJ100ADA221MHA0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X